Part Number Hot Search : 
Q2547 KT10RS 24D12 MAX440 BZX79C20 41000 CM1421 HD1077G
Product Description
Full Text Search
 

To Download NRWP682M63V8X20F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Miniature Aluminum Electrolytic Capacitors
RADIAL LEADS, POLARIZED, NEW FURTHER REDUCED CASE SIZING, FROM NRWS WIDE TEMPERATURE RANGE
NRWP Series
NRWS
EXTENDED TEMPERATURE
(today's standard)
(reduced sizes)
NRWP
includes all homogeneous materials *See Part Number System for Details
RoHS Compliant
CHARACTERISTICS
Rated Voltage Range Capacitance Range Operating Temperature Range Capacitance Tolerance Maximum Leakage Current After 2 minutes W.V. (Vdc) S.V. (Vdc) C < 1,000F C = 2,200F C = 3,300F C = 4,700F Max. Tan at 120Hz/20C C = 6,800F C = 10,000F C = 15,000F C = 22,000F C = 33,000F Z-40C/Z+20C Low Temperature Stability Impedance Ratio @ 120Hz Z-55C/Z+20C Duration Capacitance Load Life Test @ 105C Tan LC 6.3 ~ 100VDC 33 ~ 33,000F -55C ~ +105C 20% (M) 0.01CV or 3A whichever is greater 6.3 8 0.28 0.30 0.32 0.34 0.38 0.46 0.56 0.70 0.92 5 10 10 13 0.24 0.26 0.28 0.30 0.34 0.42 0.52 0.66 4 8 16 25 35 50 20 32 44 63 0.20 0.16 0.14 0.12 0.22 0.18 0.16 0.14 0.24 0.20 0.18 0.16 0.26 0.22 0.20 0.30 0.26 0.24 0.38 0.34 0.48 3 2 2 2 6 4 3 3 D < 8: 1,000 hours, D > 10: 2,000 hours Within 25% of initial measured value Less than 200% of specified value Less than specified value 63 79 0.10 0.12 2 3 100 125 0.08 2 3
MAXIMUM PERMISSIBLE RIPPLE CURRENT (mA AT 120Hz AND 105C)
Cap. (F) 33 47 100 220 330 470 680 1,000 2,200 3,300 4,700 6,800 10,000 15,000 22,000 33,000 6.3 285 460 775 985 1150 1480 1700 2090 2280 2350 10 295 430 500 860 1100 1350 1700 1950 2090 2180 Working Voltage (Vdc) 16 25 35 50 63 200 230 240 300 360 390 270 335 400 470 540 375 440 525 600 700 480 630 760 980 800 640 740 865 1060 1200 1050 1090 1370 1600 1400 1300 1500 1680 1780 1650 1800 1870 1900 1910 1920 1950 2050 2070 100 140 185 290 560 690 880 900 985 -
MAXIMUM ESR ( AT 120Hz AND 20C)
Cap. (F) 33 47 100 220 330 470 680 1,000 2,200 3,300 4,700 6,800 10,000 15,000 22,000 33,000 6.3 0.68 0.46 0.23 0.16 0.12 0.09 0.08 0.06 0.05 0.05 10 0.85 0.59 0.40 0.20 0.14 0.11 0.08 0.07 0.06 0.05 Working Voltage (Vdc) 16 25 35 50 1.99 1.21 1.06 0.90 1.01 0.80 0.70 0.60 0.71 0.56 0.49 0.42 0.49 0.39 0.34 0.29 0.33 0.27 0.23 0.20 0.17 0.14 0.12 0.11 0.12 0.10 0.09 0.08 0.09 0.08 0.07 0.07 0.06 0.06 0.06 0.06 0.05 63 1.66 0.75 0.50 0.35 0.24 0.17 0.09 100 4.02 2.82 1.33 0.60 0.40 0.28 0.20 0.13 -
RIPPLE CURRENT FREQUENCY CORRECTION FACTOR
Cap. (F) 33 ~ 47 100 ~ 1,000 2,200 ~ 33,000 (R) 60Hz 0.80 0.80 0.80 120Hz 1.00 1.00 1.00
500Hz 1.20 1.10 1.05
1KHz 1.30 1.10 1.10
10KHz ~ up 1.50 1.20 1.15
Please review the notes on correct use, safety and precautions found on pages T10 & T11 of NIC's Electrolytic Capacitor catalog. Also found at www.niccomp.com/precautions If in doubt or uncertainty, please review your specific application - process details with NIC's technical support personnel: tpmg@niccomp.com
PRECAUTIONS
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
67
Miniature Aluminum Electrolytic Capacitors
STANDARD PRODUCT AND CASE SIZE TABLE D x L (mm)
Capacitance (F) 33 47 100 220 330 470 680 1,000 2,200 3,300 4,700 6,800 10,000 15,000 22,000 33,000 Code 330 470 101 221 331 471 681 102 222 332 472 682 103 153 223 333 6.3 6.3 x 11 8 x 11.5 10 x 16 10 x 20 12.5 x 20 12.5 x 25 16 x 25 16 x 31.5 18 x 31.5 18 x 40 10 6.3 x 11 8 x 11.5 8 x 11.5 10 x 16 10 x 20 12.5 x 20 16 x 25 16 x 25 16 x 35.5 18 x 35.5 16 6.3 x 11 8 x 11.5 8 x 11.5 10 x 12.5 10 x 20 12.5 x 20 12.5 x 25 16 x 25 16 x 31.5 18 x 35.5 Working Voltage (Vdc) 25 35 6.3 x 11 8 x 11.5 8 x 11.5 10 x 12.5 8 x 11.5 10 x 12.5 10 x 12.5 10 x 16 10 x 16 10 x 20 12.5 x 20 16 x 25 16 x 25 16 x 25 16 x 25 16 x 35.5 16 x 35.5 18 x 35.5 18 x 35.5 50 8 x 11.5 10 x 12.5 10 x 16 10 x 20 12.5 x 20 12.5 x 25 16 x 31.5 18 x 35.5 -
NRWP Series
63 8 x 11.5 10 x 16 10 x 20 12.5 x 20 12.5 x 25 16 x 25 18 x 31.5 -
100 8 x 11.5 8 x 11.5 10 x 16 12.5 x 20 12.5 x 25 16 x 25 16 x 31.5 18 x 35.5 -
LEAD SPACING AND DIAMETER (mm)
Case Dia. (D) (D Lead Dia. (D) (D Lead Spacing (F) Dim. 5 0.5 2.0 0.5 6.3 8 10 12.5 0.5 0.6 0.6 0.6 2.5 3.5 5.0 5.0 0.5 0.5 0.5 0.5 16 18 0.8 0.8 7.5 7.5 0.5 0.5
Polarity Marking
Insulation Sleeve
d 0.05
F 0.5
L + max.
15mm Min.
4mm Min.
D
= D < 16mm = 1.5mm, L > 16mm = 2.0mm
PART NUMBER SYSTEM NRWP 221 M 25V 6.3X11 F .
RoHS Compliant Case Size (D x L) (D Working Voltage (Vdc) Tolerance Code (M=20%) Capacitance Code: First 2 characters significant, third character is multiplier
Series
(R)
68
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com


▲Up To Search▲   

 
Price & Availability of NRWP682M63V8X20F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X